Part Number Hot Search : 
TUA2009X ANT26 IB1215S SRZQ5 G4PC30 VNV14N04 MUR1610 315XW01
Product Description
Full Text Search
 

To Download TCZM4735A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM IC O N DU C TO R
1 Watt LL-41 Hermetically Sealed Glass Zener Voltage Regulators
Absolute Maximum Ratings
Parameter Storage Temperature Range Maximum Junction Operating Temperature Total Device Dissipation Thermal Resistance Junction to Ambient TA = 25C unless otherwise noted Value -65 to +200 +175 1.0 170 Units C C Watt C / W
SURFACE MOUNT LL-41
DEVICE MARKING DIAGRAM
Cathode Band Color: Blue
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 3.3 to 56 Volts LL-41 MELF Package (JEDEC DO-213AB) Surface Mount Devices (SMD) Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable RoHS Compliant Matte Tin (Sn) Lead Finish Color band Indicates Negative Polarity
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type TCZM4728A TCZM4729A TCZM4730A TCZM4731A TCZM4732A TCZM4733A TCZM4734A TCZM4735A TCZM4736A TCZM4737A TCZM4738A TCZM4739A TCZM4740A TCZM4741A TCZM4742A TCZM4743A TCZM4744A TCZM4745A TCZM4746A VZ @ IZT (Volts) Nominal 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18
TA = 25C unless otherwise noted ZZT @ IZT IZT IZK () (mA) (mA) Max 76 10 1 69 10 1 64 9 1 58 9 1 53 8 1 49 7 1 45 5 1 41 2 1 37 3.5 1 34 4 0.5 31 4.5 0.5 28 5 0.5 25 7 0.25 23 8 0.25 21 9 0.25 19 10 0.25 17 14 0.25 15.5 16 0.25 14 20 0.25
ZZK @ IZK () Max 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 700
IR @ VR (A) Max 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5
VR (Volts) 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7
November 2006 / B Page 1
TCZM4728A through TCZM4758A
(R)
TAK CHEONG
SEM IC O N DU C TO R Electrical Characteristics
Device Type TCZM4747A TCZM4748A TCZM4749A TCZM4750A TCZM4751A TCZM4752A TCZM4753A TCZM4754A TCZM4755A TCZM4756A TCZM4757A TCZM4758A VZ @ IZT (Volts) Nominal 20 22 24 27 30 33 36 39 43 47 51 56 TA = 25C unless otherwise noted ZZT @ IZT IZT IZK () (mA) (mA) Max 12.5 22 0.25 11.5 23 0.25 10.5 25 0.25 9.5 35 0.25 8.5 40 0.25 7.5 45 0.25 7 50 0.25 6.5 60 0.25 6 70 0.25 5.5 80 0.25 5 95 0.25 4.5 110 0.25 ZZK @ IZK () Max 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 IR @ VR (A) Max 5 5 5 5 5 5 5 5 5 5 5 5
VR (Volts) 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes: 1. The device numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong's representative. 3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
November 2006 / B Page 2
(R)
TAK CHEONG
SEM IC O N DU C TO R Package Outline
Package B LL- 41 MELF DIM LL- 41 MELF A A B C C Notes: 1. 2. All dimensions are within DO-213AB JEDEC standard. LL-41 MELF polarity denoted by cathode band. Millimeters Min 4.80 2.39 0.41 Max 5.20 2.66 0.55 Min 0.189 0.094 0.016 Inches Max 0.205 0.105 0.022 Case Outline
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 / B Page 3


▲Up To Search▲   

 
Price & Availability of TCZM4735A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X